PART |
Description |
Maker |
2N3114CSM |
Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications 150 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
TT electronics Semelab, Ltd.
|
2SD2312C1/V 2SC4038TL2/RS 2SC4038TL3/Q 2SC4038TL3/ |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2631 2SA1123 |
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification) 50 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor] http://
|
C945BL-BP C945Y |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
KTC3198GR MICROCOMMERCIALCOMPONENTS-KTC3198GR-BP |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2SC4081T106/QR 2SC4081T106RS 2SC4081T106QR |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm Co., Ltd.
|
SLC2222A SLD2369A |
150 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 10 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
MICROSEMI CORP-LAWRENCE
|
2SC945 2SC94509 2SC945L-X-T92-K 2SC945L-X-T92-B 2S |
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
|